Part Number Hot Search : 
CH400DPT 5742EUB PIC18F4 UPD16 064B1 3330DT3 W8511HI GPW576
Product Description
Full Text Search
 

To Download RL1218FK-070R28 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  data shee t low ohmic chip resistors rl series 5%, 2%, 1% sizes 0402/0603/0805/1206 / 1210/1218/2010/2512 rohs complian t product specification ? dec 11, 2008 v.4
chip resistor surface mount w ww.yageo.com dec 11, 2008 v.4 product specification 2 9 series rl 0402 to 2512 (rohs compliant) ordering information - global part number & 12nc both part numbers are identified by the series, size, tolerance, packing type, temperature coefficient, taping reel and resistance value. scope this specification describes rl0402 to rl2512 low ohmic chip resistors with lead-free terminations made by thick film process. applications converters printer equipment server board telecom consumer features rohs compliant - products with lead free terminations meet rohs requirements - pb-glass contained in electrodes - resistor element and glass are exempted by rohs reducing environmentally hazardous wastes high component and equipment reliability saving of pcb space none forbidden-materials used in products/production low resistances applied to current sensing halogen free epoxy o rdering example the ordering code of a rl0603 chip resistor, value 0.56 x with 1% tolerance, supplied in 7-inch tape reel is: rl0603fr-070r56 (l). note 1. all our rsmd products meet rohs compliant. "lfp" of the internal 2d reel label mentions "lead free process" 2. on customized label, "lfp" or specific symbol printed and the optional "l" at the end of global part number / 12nc can be added (both are on customer request) 3. comply halogen free epoxy resistance rule of global part number resistance code rule example 0rxxx (1 to 976 m ? ) 0r1 = 0.1 ? 0r12 = 0.12 ? 0r105 = 0.105 ? xrxx (1 to 9.76 ? ) 1r = 1 ? 1r5 = 1.5 ? 9r76 = 9.76 ? xxrx (10 to 97.6 ? ) 10r = 10 ? 97r6 = 97.6 ? xxxr (100 to 976 ? ) 100r = 100 ? xkxx (1 to 9.76 k ? ) 1k = 1,000 ? 9k76 = 9760 ? xmxx (1 to 9.76 m ? ) 1m = 1,000,000 ? 9m76= 9,760,000 ? y y a a g g e e o o b b r r a a n n d d o o r r d d e e r r i i n n g g c c o o d d e e global part number ( preferred ) rl xxxx x x x xx xxxx l ( 1 ) ( 2 ) ( 3 ) ( 4 ) ( 5 ) ( 6 ) ( 7 ) ( 1 ) size 0402 / 0603 / 0805 / 1206 / 1210 / 1218 / 2010 / 2512 ( 2 ) tolerance f = 1% g = 2% j = 5% ( 3 ) packaging type r = paper taping reel k = embossed taping reel ( 4 ) temperature coefficient of resistance ? = base on spec ( 5 ) taping reel 07 = 7 inch dia. reel 10 = 10 inch dia. reel 13 = 13 inch dia. reel ( 6 ) resistance value there are 2~4 digits indicated the resistor value. letter r/k/m is decimal point, no need to mention the last zero after r/k/m, e.g.1k2, not 1k20. detailed resistance rules show in table of ?resistance rule of global part number?. (7) optional code l = optional symbol (note) h = halogen / lead free (special code on request)
chip resistor surface mount w ww.yageo.com dec 11, 2008 v.4 product specification 3 9 series rl 0402 to 2512 (rohs compliant) p p h h y y c c o o m m p p b b r r a a n n d d o o r r d d e e r r i i n n g g c c o o d d e e s s both global part number (preferred) and 12nc (t raditional) codes are acceptable to order phycomp brand products. global part number ( preferred ) for detailed information of global part number an d ordering example, please refer to page 2. o rdering example the ordering code of a rl0603 chip resistor, value 0.56 x with 1% tolerance, supplied in tape of 5,000 units per reel is: 2350512125609(l) or rl0603fr-070r56(l). note 1. all our rsmd products are rohs compliant. "lfp" of the internal 2d reel label mentions "lead free process" 2. on customized label, "lfp" or specific symbol printed and the optional "l" at the end of global part number / 12nc can be added (both are on customer request) 3. comply halogen free epoxy 12nc code 2350 / 2390 / 2322 xxx xx xxx l (1) (2) (3) ( 4 ) embossed (2) tape on reel paper/pe (2) tape on reel (units) size type start in (1) tol. (%) resistance range 4,000 5,000 10,000 0402 lrc31 2350 5% 0.05 to 1 ? - - 513 20xxx lrc32 2350 1% 0.05 to 1 ? - - 513 22xxx 0603 lrc21 2350 5% 0.01 to 1 ? - 512 10xxx - lrc22 2350 1% 0.01 to 1 ? - 512 12xxx - 0805 lrc11 2350 5% 0.01 to 1 ? - 511 10xxx - lrc12 2350 1% 0.01 to 1 ? - 511 12xxx - 1206 lrc01 2350 5% 0.01 to 1 ? - 510 10xxx - lrc02 2350 1% 0.01 to 1 ? - 510 12xxx - 1210 lprc101 2390 5% 0.01 to 0. 0976 ? - 735 90xxx - lprc101 2390 5% 0.1 to 1 ? - 735 60xxx - lprc102 2390 1% 0.01 to 1 ? - 735 3xxxx - 1218 lprc201 2322 5% 0.01 to 1 ? 735 64xxx - - lprc201 2322 1% 0.01 to 1 ? 735 7xxxx - - 2010 lprc111 2322 5% 0.01 to 0. 0976 ? 760 90xxx - - lprc111 2322 5% 0.1 to 1 ? 760 60xxx - - lprc111 2322 1% 0.01 to 0. 0976 ? 761 90xxx - - lprc111 2322 1% 0.1 to 1 ? 761 6xxxx - - 2512 lprc221 2322 5% 0.01 to 0. 0976 ? 762 90xxx - - lprc221 2322 5% 0.1 to 1 ? 762 60xxx - - lprc221 2322 1% 0.01 to 0. 0976 ? 763 90xxx - - lprc221 2322 1% 0.1 to 1 ? 763 6xxxx - - resistance decade (3) last digit 0.01 to 0.0976 x 0 0.1 to 0.976 x 7 1 to 9.76 x 8 10 to 97.6 x 9 100 to 976 x 1 1 to 9.76 k x 2 10 to 97.6 k x 3 100 to 976 k x 4 1 to 9.76 m x 5 10 to 97.6 m x 6 example: 0.02 x = 0200 or 200 0.3 x = 3007 or 307 1 x = 1008 or 108 33 k x = 3303 or 333 10 m x = 1006 or 106 last digit of 12nc (1) the resistors have a 12-digit ordering code starting with 2350/2390/2322. (2) the subsequent 4 or 5 digits indica te the resistor tolerance and packaging. (in 12nc code, only 07'' tape reel code is supplied. supply of 10''/13'' tape reel is requested in global part number ordering code.) (3) the remaining 4 or 3 digits represent the resistance value with the last digit indicating the multiplier as shown in the table of ?last digit of 12nc?. (4) "l" is optional symbol (note) . "h" is halogen / lead free (special code on request).
chip resistor surface mount w ww.yageo.com dec 11, 2008 v.4 product specification 4 9 series rl 0402 to 2512 (rohs compliant) marking rl0805 / rl1206 / rl1210 /rl1218 / rl2010 / rl2512 e-24 series / non-series (r= 25/40/50/60/250/400/500 m ? ): 4 digits the ?r? is used as a decimal point; the other 3 digits are significant. rl0603: r 100 m x in e-24 series, r = 10/20/30/40/50/60 m ? 3 digits the ?r? is used as a decimal point; the other 2 digits are significant. rl0402 / rl0603: r<100 m x except 10/20/30/40/50/60 m ? no marking for further marking information, please see special data sheet ?chip resistors marking?. fig. 1 value = 20 m ? ynsc005 0 2 0 fig. 2 value = 22 m ? ynsc006 fig. 3 ynsc007 protective coat marking layer resistive layer inner electrode termination (ni / matte tin) ceramic substrate h i 2 ynsc064 w l i 1 fig. 4 chip resistor outlines o o u u t t l l i i n n e e s s for dimension see table 1 construction the resistors are constructed out of a high-grade ceramic body. internal metal electrodes are added at each end and connected by a resistive past e. the composition of the paste is adjusted to give the approximate required resistance and laser cutting of this resistive layer that achieves tolerance trims the value. the resistive layer is covered with a protective coat and printed with the resistance value. finally, the two external terminations (matte tin) are added. see fig. 4. dimensions type l (mm) w (mm) h (mm) i 1 (mm) i 2 (mm) rl0402 1.00 0.10 0.50 0.05 0.35 0.05 0.20 0.10 0.25 0.10 rl0603 1.60 0.10 0.80 0.10 0.45 0.10 0.25 0.15 0.25 0.15 rl0805 2.00 0.10 1.25 0.10 0.50 0.10 0.35 0.20 0.35 0.20 rl1206 3.10 0.10 1.60 0.10 0.55 0.10 0.45 0.20 0.40 0.20 rl1210 3.10 0.10 2.60 0.15 0.55 0.10 0.50 0.20 0.50 0.20 rl1218 3.05 0.15 4.60 0.20 0.55 0.10 0.45 0.25 0.50 0.25 rl2010 5.00 0.10 2.50 0.15 0.55 0.10 0.60 0.20 0.50 0.20 rl2512 6.35 0.10 3.20 0.15 0.55 0.10 0.60 0.20 0.50 0.20 table 1 for outlines see fig. 4
chip resistor surface mount w ww.yageo.com dec 11, 2008 v.4 product specification 5 9 series rl 0402 to 2512 (rohs compliant) type / resistance range temperature coefficient of resistance 50m x r<1 x rl0402 50m ? r<1 ? 800 ppm/c 10m x r 36m x 36m x chip resistor surface mount w ww.yageo.com dec 11, 2008 v.4 product specification 6 9 series rl 0402 to 2512 (rohs compliant) p handbook, halfpage mlb206_1 70 100 55 50 t amb ( c) o (%p ) rated 0 0 50 100 125 fig. 5 maximum dissipation (p max ) in percentage of rated power as a function of the operating ambient temperature (t amb ) functional description o o p p e e r r a a t t i i n n g g t t e e m m p p e e r r a a t t u u r r e e r r a a n n g g e e range: ?55 c to +125 c p p o o w w e e r r r r a a t t i i n n g g each type rated power at 70 c: rl0402=1/16 w; rl0603=1/10 w; rl0805=1/8 w; rl1206=1/4 w; rl1210=1/2 w; rl1218=1 w; rl2010=3/4 w; rl2512=1 w. r ated voltage the dc or ac (rms) continuous working voltage corresponding to the rated power is determined by the following formula: v = ( p x r ) where v = continuous rated dc or ac ( rms ) working voltage ( v ) p = rated power ( w ) r = resistance value ( x )
chip resistor surface mount w ww.yageo.com dec 11, 2008 v.4 product specification 7 9 series rl 0402 to 2512 (rohs compliant) tests and requirements test test method procedure requirements life/ operational life/ endurance mil-std-202g-method 108a iec 60115-1 4.25.1 jis c 5202-7.10 1,000 hours at 705 c applied rcwv 1.5 hours on, 0.5 hour off, still air required 2% high temperature exposure/ endurance at upper category temperature mil-std-202g-method 108a iec 60115-1 4.25.3 jis c 5202-7.11 1,000 hours at maximum operating temperature depending on specification, unpowered no direct impingement of forced air to the parts tolerances: 1253 c 1% moisture resistance mil-std-202g-method 106f iec 60115-1 4.24.2 each temperature / humidity cycle is defined at 8 hours (method 106f), 3 cy cles / 24 hours for 10d with 25 c / 65 c 95% r.h, without steps 7a & 7b, unpowered parts mounted on test-boards, without condensation on parts measurement at 242 hours after test conclusion 2% thermal shock mil-std-202g-method 107g -55/+125 c note: number of cycles required is 300. devices unmounted maximum transfer time is 20 seconds. dwell time is 15 minutes. air ? air 1% short time overload mil-r-55342d-para 4.7.5 iec60115-1 4.13 2.5 times rcwv or maximum overload voltage whichever is less for 5 sec at room temperature 2% no visible damage board flex/ bending iec60115-1 4.33 device mounted on pcb test board as described, only 1 board bending required 3 mm bending bending time: 605 seconds ohmic value checked during bending 1% no visible damage table 4 test condition, procedure and requirements
chip resistor surface mount w ww.yageo.com dec 11, 2008 v.4 product specification 8 9 series rl 0402 to 2512 (rohs compliant) test test method procedure requirements solderability - wetting ipc/jedecj-std-002b test b iec 60068-2-58 electrical test not required magnification 50x smd conditions: 1 st step: method b, aging 4 hours at 155 c dry heat 2 nd step: leadfree solder bath at 2453 c dipping time: 30.5 seconds well tinned ( 95% covered) no visible damage - leaching ipc/jedecj-std-002b test d iec 60068-2-58 leadfree solder, 260 c, 30 seconds immersion time no visible damage - resistance to soldering heat mil-std-202g-method 210f iec 60068-2-58 condition b, no pre-heat of samples. leadfree solder, 270 c, 10 seconds immersion time procedure 2 for smd: devices fluxed and cleaned with isopropanol 1% no visible damage
chip resistor surface mount w ww.yageo.com dec 11, 2008 v.4 product specification 9 9 series rl 0402 to 2512 (rohs compliant) revision history ? yageo reserves all the rights for revising the content of this datasheet without furt her notification, as long as the product s itself are unchanged. any product change will be announced by pcn.? revision date change notification description version 4 dec 11, 2008 - - halogen free epoxy - update global part number definition version 3 aug 07, 2008 - - change to dual brand datasheet that describe rl0402 to rl2512 with rohs compliant - define global part number version 2 jul 15, 2005 - - ordering example revised version 1 apr 15, 2005 - - size 1218 extended - test method and procedure updated - pe tape added (paper tape will be replaced by pe tape) version 0 nov. 10, 2003 - - first issue of this specification


▲Up To Search▲   

 
Price & Availability of RL1218FK-070R28

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X